Part Number Hot Search : 
3EH73ZQD 120EI DTS6504 18LF2 2SD428 0100A AN4233 2PF140
Product Description
Full Text Search
 

To Download MC34160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 august, 2006 ? rev. 5 1 publication order number: MC34160/d MC34160, mc33160 100 ma, 5.0 v voltage regulator and supervisory circuit for microprocessors the MC34160 series is a voltage regulator and supervisory circuit containing many of the necessary monitoring functions required in microprocessor based systems. it is specifically designed for appliance and industrial applications, offering the designer a cost effective solution with minimal external components. these integrated circuits feature a 5.0 v/100 ma regulator with short circuit current limiting, pinned out 2.6 v bandgap reference, low voltage reset comparator, power warning comparator with programmable hysteresis, and an uncommitted comparator ideally suited for microprocessor line synchronization. additional features include a chip disable input for low standby current, and internal thermal shutdown for over temperature protection. these devices are contained in a 16 pin dual?in?line heat tab plastic package for improved thermal conduction. features ? 5.0 v regulator output current in excess of 100 ma ? internal short circuit current limiting ? pinned out 2.6 v reference ? low voltage reset comparator ? power warning comparator with programmable hysteresis ? uncommitted comparator ? low standby current ? internal thermal shutdown protection ? heat tab power package ? pb?free packages are available* figure 1. representative block diagram v cc 14 chip disable 15 power sense hysteresis adjust noninverting input inverting input 1 2 10 9 regulator output 11 reference output comparator output power warning reset 16 8 6 thermal shutdown 2.6 v reference 0.913 r 0.01 r r i h i h on/off gnd 4, 5, 12, 13 + + + + + + + ? ? ? ? 7 this device contains 72 active transistors. pdip?16 p suffix case 648c see detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet. ordering information http://onsemi.com soic?16wb dw suffix case 751g 1 pin connections (top view) 1 2 3 4 5 6 7 89 10 11 12 13 14 15 16 comp. inv. in n.c. gnd comp. out reset power warning power sense hyst. adj. reg. out gnd v cc chip disable v ref comp. noninv. in *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. 1 see general marking information in the device marking section on page 8 of this data sheet. device marking information
MC34160, mc33160 http://onsemi.com 2 maximum ratings rating symbol value unit power supply v oltage v cc 40 v chip disable input voltage (pin 15, note 1) v cd ?0.3 to v cc v comparator input current (pins 1, 2, 9) i in ?2.0 to +2.0 ma comparator output voltage (pins 6, 7, 8) v o 40 v comparator output sink current (pins 6, 7, 8) i sink 10 ma power dissipation and thermal characteristics p suffix, dual?in?line case 648c thermal resistance, junction?to?air thermal resistance, junction?to?case (pins 4, 5, 12, 13) dw suffix, surface mount case 751g thermal resistance, junction?to?air thermal resistance, junction?to?case (pins 4, 5, 12, 13) r  ja r  jc r  ja r  jc 80 15 94 18 c/w operating junction temperature t j +150 c operating ambient t emperature MC34160 mc33160 t a 0 to +70 ?40 to +85 c storage temperature range t stg ?65 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. the maximum voltage range is ?0.3 v to v cc or +35 v, whichever is less. electrical characteristics (v cc = 30 v, i o = 10 ma, i ref = 100  a) for typical values t a = 25 c, for min/max values t a is the operating ambient temperature range that applies [notes 2 and 3], unless otherwise noted.) characteristics symbol min typ max unit regulator section total output variation (v cc = 7.0 v to 40 v, i o = 1.0 ma to 100 ma, t a = t low to t high) v o 4.75 5.0 5.25 v line regulation (v cc = 7.0 v to 40 v, t a = 25 c) reg line ? 5.0 40 mv load regulation (i o = 1.0 v to 100 ma, t a = 25 c) reg load ? 20 50 mv ripple rejection (v cc = 25 v to 35 v, i o = 40 ma, f = 120 hz, t a = 25 c) rr 50 6.5 ? db reference section total output variation (v cc = 7.0 to 40 v, i o = 0.1 ma to 2.0 ma, t a = t low to t high) v ref 2.47 2.6 2.73 v line regulation (v cc = 5.0 v to 40 v, t a = 25 c) reg line ? 2.0 20 mv load regulation (i o = 0.1 ma to 2.0 ma, t a = 25 c) reg load ? 4.0 30 mv reset comparator threshold v oltage high state output (pin 11 increasing) low state output (pin 11 decreasing) hysteresis v ih v il v h ? 4.55 0.02 (v o ?0.11) (v o ?0.18) 0.07 (v o ?0.05) ? ? v output sink saturation (v cc = 4.5 v, i sink = 2.0 ma) v ol ? ? 0.4 v output off?state leakage (v oh = 40 v) i oh ? ? 4.0  a power warning comparator input of fset voltage v io ? 1.2 10 mv input bias current (v pin 9 = 3.0 v) i ib ? ? 0.5  a input hysteresis current (v pin 9 = v ref ? 100 mv) r pin 10 = 24 k r pin 10 = i h 40 4.5 50 7.5 60 11  a output sink saturation (i sink = 2.0 ma) v ol ? 0.13 0.4 v output off?state leakage (v oh = 40 v) i oh ? ? 4.0  a 2. t lo =0 c for MC34160 t high =70 c for MC34160 ?40 c for mc33160 85 c for mc33160 3. low duty cycle pulse testing techniques are used during test to maintain junction temperature as close to ambient as possible .
MC34160, mc33160 http://onsemi.com 3 electrical characteristics (continued) (v cc = 30 v, i o = 10 ma, i ref = 100  a) for typical values t a = 25 c, for min/max values t a is the operating ambient temperature range that applies [notes 4 and 5], unless otherwise noted.) characteristics symbol min typ max unit uncommitted comparator input offset voltage (output transition low to high) v io ? ? 20 mv input hysteresis v oltage (output transition high to low) i h 140 200 260 mv input bias current (v pin 1, 2 = 2.6 v) i ib ? ? ?1.0  a input common mode voltage range v icr 0.6 to 5.0 ? ? v output sink saturation (i sink = 2.0 ma) v ol ? 0.13 0.4 v output off?state leakage (v oh = 40 v) i oh ? ? 4.0  a total device chip disable threshold voltage (pin 15) high state (chip disabled) low state (chip enabled) v ih v il 2.5 ? ? ? ? 0.8 v chip disable input current (pin 15) high state (v in = 2.5 v) low state (v in = 0.8 v) i ih i il ? ? ? ? 100 30  a chip disable input resistance (pin 15) r in 50 100 ? k  operating voltage range v o (pin 11) regulated v ref (pin 16) regulated v cc 7.0 to 40 5.0 to 40 ? ? ? ? v power supply current standby (chip disable high state) operating (chip disable low state) i cc ? ? 0.18 1.5 0.35 3.0 ma 4. t lo =0 c for MC34160 t high =70 c for MC34160 ?40 c for mc33160 85 c for mc33160 5. low duty cycle pulse testing techniques are used during test to maintain junction temperature as close to ambient as possible . figure 2. regulator output voltage change versus source current figure 3. reference and regulator output versus supply voltage i o , regulator output source current (ma) , regulator output voltage change (m v o 0 ?4.0 ?8.0 ?12 ?16 0 40 80 120 160 v v cc = 7.5 v t a = 25 c v cc , supply voltage (v) 0 10203040 6.0 4.0 2.0 0 output voltage (v) r l = 50  regulator output reference output r l =  t a = 25 c r l =  figure 4. reference output voltage change versus source current figure 5. power warning hysteresis current versus programming resistor i ref , reference output source current (ma) , reference output voltage change (mv) ref 0 ?8.0 ?16 ?24 ?32 0 2.0 4.0 6.0 8.0 v v cc = 7.5 v t a = 25 c r h , programming resistor (kw) , hysteresis current ( a) h 60 40 20 0 20 40 60 80 100 120 140 i v cc = 30 v v pin 9 = 2.5 v t a = 25 c
MC34160, mc33160 http://onsemi.com 4 figure 6. power warning comparator delay versus temperature figure 7. uncommitted comparator delay versus temperature figure 8. comparator output saturation versus sink current figure 9. p suffix (dip?16) thermal resistance and maximum power dissipation versus p.c.b. copper length t a , ambient temperature ( c) , output delay time (ns) dly 800 600 400 200 ?55 ?25 0 25 50 75 100 125 t v cc = 30 v v in (pin 9) = 2.5 v to 2.7 v r l = 2.4 k to v o output rise output fall output fall , output delay time (ns) dly t t a , ambient temperature ( c) 440 360 280 200 120 ?55 ?25 0 25 50 75 100 125 output rise v cc = 30 v v pin 1 = 2.5 v to 2.9 v v pin 2 = 2.6 v r l = 2.4 k to v o i sink , sink current (ma) , output saturation (v) ol 0.5 0.4 0.3 0.2 0.1 0 0 2.0 4.0 6.0 8.0 v v cc = 6.0 v v pin 1 = v ref v pin 2, 9 = 10 k  to gnd v sat = pins 6, 7, 8 t a = 85 c t a = 25 c t a = ?40 c l, length of copper (mm) , thermal resistance junction to air (c/w) ja , maximum power dissipation (w) d 10 0 20304050 100 80 60 40 20 00 1.0 2.0 3.0 4.0 5.0 l printed circuit board heatsink example graphs represent symmetrical layout c r ja r p figure 10. dw suffix (sop?16l) thermal resistance and maximum power dissipation versus p.c.b. copper length 30 40 50 60 70 80 90 0 0.4 0.8 1.2 1.6 2.0 2.4 0203050 40 10 l, length of copper (mm) 100 2.8 p d(max) for t a = 50 c r ja p d r , thermal resistance ja junction-to-air ( c/w) , maximum power dissipation (w) ??? ??? ??? ??? ?? ?? ??
MC34160, mc33160 http://onsemi.com 5 pin function description pin function description 1 comparator inverting input this is the uncommitted comparator inverting input. it is typically connected to a resistor divider to monitor a voltage. 2 comparator noninverting input this is the uncommitted comparator noninverting input. it is typically connected to a reference voltage. 3 n.c. no connection. this pin is not internally connected. 4, 5, 12, 13 gnd these pins are the control circuit grounds and are connected to the source and load ground returns. they are part of the ic lead frame and can be used for heatsinking. 6 comparator output this is the uncommitted comparator output. it is an open collector sink?only output requiring a pullup resistor. 7 reset this is the reset comparator output. it is an open collector sink?only output requiring a pullup resistor. 8 power w arning this is the power warning comparator output. it is an open collector sink?only output requiring a pullup resistor. 9 power sense this is the power warning comparator noninverting input. it is typically connected to a resistor divider to monitor the input power source voltage. 10 hysteresis adjust the power warning comparator hysteresis is programmed by a resistor connected from this pin to ground. 11 regulator output this is the 5.0 v regulator output. 14 v cc this pin is the positive supply input of the control ic. 15 chip disable this input is used to switch the ic into a standby mode turning off all outputs. 16 v ref this is the 2.6 v reference output. it is intended to be used in conjunction with the power warning and uncommitted comparators. operating description the MC34160 series is a monolithic voltage regulator and supervisory circuit containing many of the necessary monitoring functions required in microprocessor based systems. it is specifically designed for appliance and industrial applications, offering the designer a cost effective solution with minimal external components. these devices are specified for operation over an input voltage of 7.0 v to 40 v, and with a junction temperature of ?40 to +150 c. a typical microprocessor application is shown in figure 11. regulator the 5.0 v regulator is designed to source in excess of 100 ma output current and is short circuit protected. the output has a guaranteed tolerance of 5.0% over line, load, and temperature. internal thermal shutdown circuitry is included to limit the maximum junction temperature to a safe level. when activated, typically at 170 c, the regulator output turns off. in specific situations a combination of input and output bypass capacitors may be required for regulator stability. if the regulator is located an appreciable distance ( 4 ) from the supply filter, an input bypass capacitor (c in ) of 0.33  f or greater is suggested. output capacitance values of less than 5.0 nf may cause regulator instability at light load ( 1.0 ma) and cold temperature. an output bypass capacitor of 0.1  f or greater is recommended to ensure stability under all load conditions. the capacitors selected must provide good high frequency characteristics. good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator does not have external sense inputs. reference the 2.6 v bandgap reference is short circuit protected and has a guaranteed output tolerance of 5.0% over line, load, and temperature. it is intended to be used in conjunction with the power warning and uncommitted comparator. the reference can source in excess of 2.0 ma and sink a maximum of 10  a. for additional current sinking capability, an external load resistor to ground must be used. reference biasing is internally derived from either v cc or v o , allowing proper operation if either drops below nominal. chip disable this input is used to switch the ic into a standby mode. when activated, internal biasing for the entire die is removed causing all outputs to turn off. this reduces the power supply current (i cc ) to less than 0.3 ma.
MC34160, mc33160 http://onsemi.com 6 comparators three separate comparators are incorporated for voltage monitoring. their outputs can provide diagnostic information to the microprocessor, preventing system malfunctions. the reset comparator inverting input is internally connected to the 2.6 v reference while the noninverting input monitors v o . the reset output is active low when v o falls approximately 180 mv below its regulated voltage. to prevent erratic operation when crossing the comparator threshold, 70 mv of hysteresis is provided. the power warning comparator is typically used to detect an impending loss of system power. the inverting input is internally connected to the reference, fixing the threshold at 2.6 v. the input power source v in is monitored by the noninverting input through the r 1 /r 2 divider (figure 11). this input features an adjustable 10  a to 50  a current sink i h that is programmed by the value selected for resistor r h . a default current of 6.5  a is provided if r h is omitted. when the comparator input falls below 2.6 v, the current sink is activated. this produces hysteresis if v in is monitored through a series resistor (r 1 ). the comparator thresholds are defined as follows: r1 r 2 1 + ? i ib r 1 v th(lower) = v ref r1 r 2 1 + + i h r 1 v th(upper) = v ref the nominal hysteresis current i h equals 1.2 v/r h (figure 5). the uncommitted comparator can be used to synchronize the microprocessor with the ac line signal for timing functions, or for synchronous load switching. it can also be connected as a line loss detector as shown in figure 12. the comparator contains 200 mv of hysteresis preventing erratic output behavior when crossing the input threshold. the power warning and uncommitted comparators each have a transistor base?emitter connected across their inputs. the base input normally connects to a voltage reference while the emitter input connects to the voltage to be monitored. the transistor limits the negative excursion on the emitter input to ? 0.7 v below the base input by supply current from v cc . this clamp current will prevent forward biasing the ic substrate. zener diodes are connected to the comparator inputs to enhance the ics electrostatic discharge capability. resistors r 1 and r in must limit the input current to a maximum of 2.0 ma. each comparator output consists of an open collector npn transistor capable of sinking 2.0 ma with a saturation voltage less than 0.4 v, and standing off 40 v with minimal leakage. internal bias for the reset and power warning comparators is derived from either v cc or the regulator output to ensure functionality when either is below nominal. heat tab package the MC34160 is contained in a 16 lead plastic dual?in?line package in which the die is mounted on a special heat tab copper alloy lead frame. this tab consists of the four center ground pins that are specifically designed to improve thermal conduction from the die to the surrounding air. the pictorial in figure 9 shows a simple but effective method of utilizing the printed circuit board medium as a heat dissipator by soldering these tabs to an adequate area of copper foil. this permits the use of standard board layout and mounting practices while having the ability to more than halve the junction to air thermal resistance. the example and graph are for a symmetrical layout on a single sided board with one ounce per square foot copper. = sink only positive t rue logic ac line line sync. power warning v ref mpu reset c o v o uncommitted comparator 4, 5, 12, 13 2.6 v reference thermal shutdown power warning v in r 1 r 2 2.6 v r in chip disable reset r .01 r i h on/off c in v cc 14 15 9 10 2 1 0.913 r 11 7 16 8 6 i h r h + + + + + ? ? ? ? ? + + + figure 11. typical microprocessor application
MC34160, mc33160 http://onsemi.com 7 figure 12. line loss detector application = sink only positive t rue logic ac line line loss output v ref mpu reset c o v o uncommitted comparator 4, 5, 12, 13 2.6 v reference thermal shutdown power warning v in r in chip disable reset r .01 r i h on/off c in v cc 14 15 9 10 2 1 0.913 r 11 7 10 8 6 i h + + ? ? + + + a r dly c dly pin 6 pin 8 2.6 v 2.6 v t dly r dly c dly ln i h r dly ? v o v ref + i h r 1 ? v o + i h r dly + ? + ? + ? r 1 point a figure 13. time delayed microprocessor reset = sink only positive t rue logic v ref c o v o uncommitted comparator 4, 5, 12, 13 2.6 v reference thermal shutdown power warning v in chip disable reset r .01 r i h on/off c in v cc 14 15 9 10 2 1 0.913 r 11 7 16 8 6 i h + ? + + + c dly r 1 r 2 6.2 k r h mpu reset r dly t dly  r dly c dly 3.6 k + ? + ? + ? + ?
MC34160, mc33160 http://onsemi.com 8 ordering information device operating t emperature range package shipping ? MC34160dw t a = 0 to +70 c soic?16wb 47 units / rail MC34160dwg soic?16wb (pb?free) 47 units / rail MC34160dwr2 soic?16wb 1000 units / tape & reel MC34160dwr2g soic?16wb (pb?free) 1000 units / tape & reel MC34160p pdip?16 25 units / rail MC34160pg pdip?16 (pb?free) 25 units / rail mc33160dw t a = ?40 to +85 c soic?16wb 47 units / rail mc33160dwg soic?16wb (pb?free) 47 units / rail mc33160dwr2 soic?16wb 1000 units / tape & reel mc33160dwr2g soic?16wb (pb?free) 1000 units / tape & reel mc33160p pdip?16 25 units / rail mc33160pg pdip?16 (pb?free) 25 units / rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd801 1/d. marking diagrams 16 1 mc3x160 = device code dw = soic?16 p = pdip?16 x = 4 or 3 a = assembly location wl = wafer lot yy = year ww = work week g = pb?free package 16 1 mc3x160dw awlyywwg mc3x160p awlyywwg pdip?16 soic?16wb
MC34160, mc33160 http://onsemi.com 9 package dimensions soic?16 wb dw suffix plastic package case 751g?03 issue c d 14x b 16x seating plane s a m 0.25 b s t 16 9 8 1 h x 45  m b m 0.25 h 8x e b a e t a1 a l c  notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not inlcude mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.13 total in excess of the b dimension at maximum material condition. dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 10.15 10.45 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90 q 0 7  
MC34160, mc33160 http://onsemi.com 10 package dimensions pdip?16 p suffix plastic package case 648c?04 issue d dim min max min max millimeters inches a 0.744 0.783 18.90 19.90 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 e 0.050 bsc 1.27 bsc f 0.040 0.70 1.02 1.78 g 0.100 bsc 2.54 bsc j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l 0.300 bsc 7.62 bsc m 0 10 0 10 n 0.015 0.040 0.39 1.01     notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 16 9 18 d g e n k c 16x a m 0.005 (0.13) t seating plane b m 0.005 (0.13) t j 16x m l a a b f t b on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, in cluding without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different a pplications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical e xperts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc prod uct could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney f ees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was neglig ent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 MC34160/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC34160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X